Part Number Hot Search : 
BSX47 T1210 DAT76287 PV1C12 20AET6 MA3202 B7105 00226
Product Description
Full Text Search
 

To Download BC808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl ga production specification pnp general purpose amplifier BC808-16/-25/-40 c180 www.gmicroelec.com rev.a 1 features z high collector current. z high current gain. z low collector-emitter stauration voltage. z complementary types:bc818. sot-23 ordering information type no. marking package code BC808-16 5e sot-23 BC808-25 5f sot-23 BC808-40 5g sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value unit v cbo collector-base voltage -30 v v ceo collector-emitter voltage -25 v v ebo emitter-base voltage -5 v i c collector current -continuous -500 ma i cm peak collector current -1 a i b base current -100 ma i bm peak base current -200 ma p d total device dissipation 330 mw r ja thermal resistance junction to ambient 417 /w t j, t stg junction and storage temperature -55 to +150 pb lead-free
bl ga production specification pnp general purpose amplifier BC808-16/-25/-40 c180 www.gmicroelec.com rev.a 2 electrical characteristics @ ta=2 5 unless otherwise specified parameter symbol test conditions min max unit collector-base breakdown voltage v (br)cbo i c =-10 a i e =0 -30 v collector-emitter breakdown voltage v (br)ceo i c =-10ma i b =0 -25 v emitter-base breakdown voltage v (br)ebo i e =-10 a i c =0 -5 v collector cut-off current i cbo v cb =-25v i e =0 -0.1 a emitter cut-off current i ebo v ce =-4v i c =0 -0.1 a dc current gain 808-16 808-25 808-40 h fe v ce =-1v i c =-100ma 100 160 250 250 400 630 dc current gain 808-16 808-25 808-40 h fe v ce =-1v i c =-300ma 60 100 170 collector-emitter saturation voltage v ce(sat) i c =-500ma i b =-50ma -0.7 v base-emitter saturation voltage v be(sat) i c =-500ma i b =-50ma -1.2 v output capacitance c obo v cb =-10v,f=1.0mhz 10 pf transition frequency f t v ce =-5v,i c =-50ma f=100mhz 200 mhz typical characteristics @ ta=25 unless otherwise specified
bl ga production specification pnp general purpose amplifier BC808-16/-25/-40 c180 www.gmicroelec.com rev.a 3 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information sot-23 dim min max a 2.70 3.10 b 1.10 1.50 c 1.0 typical d 0.4 typical e 0.35 0.48 g 1.80 2.00 h 0.02 0.1 j 0.1 typical k 2.20 2.60 all dimensions in mm device package shipping BC808-16/-25/-40 sot-23 3000/tape&reel a b c d e j h k g 0.90 0.80 2.00 0.95 0.95


▲Up To Search▲   

 
Price & Availability of BC808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X